Part Number Hot Search : 
GS100 EPB5208G FM303L A3VREA KT890P15 338M00 MAB8035 21100
Product Description
Full Text Search
 

To Download AZ832P1-2C-5DSE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ832P
POLARIZED DIP RELAY BISTABLE (LATCHING)
FEATURES * * * * * * * * * * High sensitivity, 42 mW pickup Low profile DIP package Meets FCC Part 68.302 1500 V lightning surge Meets FCC Part 68.304 1000 V dielectric Single and dual coil versions DC coils to 24 VDC High switching capacity, 60 W, 250 VA Fits standard 16 pin IC socket Epoxy sealed UL, CUR file E43203 GENERAL DATA
DPDT (2 Form C) Bifurcated crossbar contacts Resistive load: Max. switched power: 60 W or 250 VA Max. switched current: 5 A Max. switched voltage: 250 VDC or 250 VAC
*Note: If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory.
CONTACTS
Arrangement Ratings
Life Expectancy Mechanical Electrical Set Time (typical) Reset Time (typical) Bounce (typical) Dielectric Strength (at sea level)
Minimum operations 2 x 107 1 x 105 at 2 A, 30 VDC or 1 A, 125 VAC 2 x 106 at 1 A, 30 VDC or .5 A, 125 VAC 3 ms at nominal coil voltage 3 ms at nominal coil voltage 3 ms 1500 Vrms contact to coil 1000 Vrms between contact sets 1000 Vrms across contacts Meets FCC Part 68.302 lightning surge Meets FCC Part 68.304 V dielectric 1000 megohms min. at 20C, 500 VDC, 50% RH At nominal coil voltage -40C (-40F) to 85C (185F) -40C (-40F) to 105C (221F) 50 g at 10-500 Hz 50 g P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 5 grams
Rated Load UL Material
2 A at 25 VDC resistive 1 A at 120 VAC resistive Gold plated silver against palladium silver. Gold plated palladium silver against palladium silver (Suffix "A") < 50 milliohms initially
Insulation Resistance Ambient Temperature Operating Storage Vibration Shock
Resistance
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Standard coil: 128 mW Sensitive coil: 96 mW 0.9 W at 20C (68F) Max. 115C (239F)
Enclosure Terminals Max. Solder Temp. Max. Solder Time
NOTES
1. 2. 3. 4. All values at 20C (68F). Relay may pull in with less than "Must Operate" value. Relay has fixed coil polarity. For complete isolation between the relay's magnetic fields, it is recommended that a .197" (5.0 mm) space be provided between adjacent relays. 5. Relay adjustment may be affected if undue pressure is exerted on relay case. 6. Specifications subject to change without notice.
Max. Solvent Temp. Max. Immersion Time Weight
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-04-29
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ832P
RELAY ORDERING DATA
STANDARD SINGLE COIL COIL SPECIFICATIONS
Nominal Coil VDC 3 5 12 24 Max. Continuous VDC 9.0 15.0 36.0 60.0 Coil Resistance 10% 90 250 1,440 4,000 Set Reset VDC 2.25 3.75 9.0 18.0
ORDER NUMBER*
AZ832P1-2C-3DE AZ832P1-2C-5DE AZ832P1-2C-12DE AZ832P1-2C-24DE
SENSITIVE SINGLE COIL
3 5 12 24 10.4 17.2 41.6 83.1 120 330 1,920 7,680 2.25 3.75 9.0 18.0 AZ832P1-2C-3DSE AZ832P1-2C-5DSE AZ832P1-2C-12DSE AZ832P1-2C-24DSE
STANDARD DUAL COIL COIL SPECIFICATIONS
Nominal Coil VDC 3 5 12 24 Max. Continuous VDC 6.4 10.6 25.5 42.8 Coil Resistance 10% 45 125 720 2,040 Set Reset VDC 2.25 3.75 9.0 18.0
ORDER NUMBER*
AZ832P2-2C-3DE AZ832P2-2C-5DE AZ832P2-2C-12DE AZ832P2-2C-24DE
SENSITIVE DUAL COIL
3 5 12 24 7.3 12.3 29.4 58.8 60 167 960 3,840 2.25 3.75 9.0 18.0 AZ832P2-2C-3DSE AZ832P2-2C-5DSE AZ832P2-2C-12DSE AZ832P2-2C-24DSE
*Add suffix "A" for gold plated palladium silver against palladium silver contact material.
MECHANICAL DATA
MECHANICAL DATA
.048 [1.21]
PC BOARD LAYOUT
TWO COIL VERSION
.795 MAX. [20.20]
.394 MAX. [10.00]
.100 [2.54]
.047 [1.19]
1
2
4
6
8
.026 [0.66]
.419 MAX. [10.65]
16 15 13 11 9
.300 [7.62]
.118 [3.00]
.048 [1.21]
10x .024.005 [0.610.12]
10x .012.005 [0.300.12]
10 x o.039 [o1.0]
3 x .200 [5.08]
WIRING DIAGRAM
TWO COIL LATCHING
WIRING DIAGRAM
SINGLE COIL LATCHING
12
4
6
8
+
+
NOTE: DIAGRAMS SHOW THE "RESET" POSITION BEFORE ENERGIZED
1
4
6
8
+
16 15
SET
13
RESET (WATCH FOR POLARITY)
WITH POLARITY AS SHOWN
16 13 11 9
11
9
(WATCH FOR POLARITY)
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-04-29
Junkersstrasse 3, D-82178 Puchheim, Germany


▲Up To Search▲   

 
Price & Availability of AZ832P1-2C-5DSE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X